Part Number Hot Search : 
UPD16 SP706CN 30452 LA000 B380C 025ED D7377 91000
Product Description
Full Text Search
 

To Download 24HSS1041-2-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24HSS1041-2 LF
Bothhandusa.com
Page : 1/1
1000 BASE -T MAGNETICS MODULES P/N: 24HSS1041-2 LF DATA SHEET
Feature l l l l l l l l
Designed for long haul gigabit Ethernet 1000 BASE-T, full duplex applications. Supports 4 pairs of category 5 UTP cable. Cable interface for isolation and low common mode emissions. Compliant with IEEE 802.3ab standard for 1000 BASE-T. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Comply with Air reflow profile of JEDEC 020C. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number
Turns Ratio (5%) TX RX 1CT:1CT
OCL (uH Min) @100KHz/0.1V with 8mADC Bias 350
Cross talk Attenuation (dB Min) 30MHz -45 60MHz -40
100MHz
HI-POT (Vrms) -35 1500
24HSS1041-2 LF 1CT:1CT
Continue
Part Number Insertion Loss (dB Max) 1-100MHz 24HSS1041-2 LF -1.0 1-30MHz -18 Return Loss (dB Min)@Load 100[ 40MHz -14.4 50MHz -13.1 60-80MHz 100MHz -12 -10 30MHz -43 DCMR (dB Min) 60MHz -37 100MHz -33
Schematic
Mechanical


▲Up To Search▲   

 
Price & Availability of 24HSS1041-2-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X